PART |
Description |
Maker |
MAX3000 MAX3000E MAX3000EEUP MAX3001EAUP MAX3001EE |
1.2V to 5.5V, /-15kV ESD-protected, 0.1mA, 35Mbp, 8-channel level translator 1.2V to 5.5V, 15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, ±15kV ESD-Protected, 0.1µA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V / 15kV ESD-Protected / 0.1A / 35Mbps / 8-Channel Level Translators 1.2V to 5.5V, ±15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 【15kV ESD-Protected, 0.1レA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 【15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V 15kV ESD-Protected 0.1UA 35Mbps 8-Channel Level Translators RES 2.55K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA Fixed-Point Digital Signal Processor 532-FCBGA 6 Pin, DIP, Phototransistor Detector w/ Base, CTR 30 min @ 1mA, 5V Optocoupler 1.2V to 5.5V, 5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V5.5Vamp;plusmn;15kV ESD保护.1µA5Mbps通道电平转换 1.2V to 5.5V, ??5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX1406 MAX1406CPE MAX1406CAE MAX1406CWE MAX1406EA |
±15kV ESD-Protected, EMC Compliant, 230kbps, 3 Tx/3 Rx RS-232 IC 15kV ESD-Protected / EMC-Compliant / 230kbps / 3-Tx/3-Rx RS-232 IC 【15kV ESD-Protected, EMC-Compliant, 230kbps, 3-Tx/3-Rx RS-232 IC 15kV ESD-Protected EMC-Compliant 230kbps 3-Tx/3-Rx RS-232 IC ±15kV ESD-Protected, EMC-Compliant,230kbps, 3-Tx/3-Rx RS-232 IC ±15kV ESD-Protected, EMC-Compliant, 230kbps, 3-Tx/3-Rx RS-232 IC Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT06; No. of Contacts:18; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors LINE TRANSCEIVER, PDIP16
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
MAX338 MAX3385E MAX3385ECAP MAX3385ECWN MAX3385EEA |
2.35V to 5.5V / 1A / 2Tx/2Rx RS-232 Transceivers with 15kV ESD-Protected I/O and Logic Pins LINE TRANSCEIVER, PDSO20 15kV ESD-Protected / 3.0V to 5.5V / Low-Power / up to 250kbps / True RS-232 Transceiver ±15kV ESD-Protected, 3.0 to 5.5V, Low-Power, Up to 250kbps, True RS-232 Transceiver ±15kV ESD-Protected, 3.0V to 5.5V, Low-Power,up to 250kbps, True RS-232 Transceiver 【15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver ±15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
ICL3217ECA ICL3207ECA ICL3207ECA-T ICL3207ECAZ ICL |
/- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers( /-15KV ESD 保护,工作电~5.5V,低功耗,250KBPS,RS232收发 /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers( /- 15kV ESD防护, 3V5.5V, 低功 250kbps, RS-232收发 RS-232 Transceiver, 5T/3R, 3V to 5.5V, 250kbps, 15KV ESD (IEC61000), Auto Powerdown
|
Intersil Corporation
|
MAX3244E MAX3226E MAX3224E MAX3224ECAP MAX3224ECPP |
卤15kV ESD-Protected, 1µA, 1Mbps, 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus 15kV ESD-Protected 1A 1Mbps 3.0V to 5.5V RS-232 Transceivers with AutoShutdown Plus 15kV ESD-Protected, 1A, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus 【15kV ESD-Protected, 1レA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus 【15KV ESD-PROTECTED, 1ヌA, 1MBPS, 3.0V TO 5.5V, RS-232 TRANSCEIVERS WITH AUTOSHUTDOWN PLUS -15kV ESD-protected, 1microA, 1Mbps, 3.0V to 5.5V, RS-232 transceiver with autoshutdown plus.
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
5962-9169201QXC 5962-9169202QXC 5962-9169201Q3C 59 |
Analog to Digital Converter ±15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection ±15kV ESD-Protected, 5V RS-232 Transceivers 八路D类触发器
|
Skyworks Solutions, Inc.
|
MAX13481E MAX13481EETE MAX13482E MAX13482EETE MAX1 |
±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors
|
MAXIM - Dallas Semiconductor
|
MAX221E MAX221ECAE MAX221ECUE MAX221EEAE MAX221EEU |
±15kV ESD-Protected, 5V, 1uA, Single RS-232 Transceiver with AutoShutdown 15kV ESD-Protected, 5V, 1A, Single RS-232 Transceiver with AutoShutdown 【15kV ESD-Protected, 5V, 1レA, Single RS-232 Transceiver with AutoShutdown ±15kV ESD-Protected, 5V, 1µA, Single RS-232 Transceiver with AutoShutdown
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX487 MAX487E MAX487ECPA MAX487ECSA MAX487EEPA MA |
??5kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers Low-Power / Slew-Rate-Limited RS-485/RS-422 Transceivers 3.3/5-V RS-485 Transceiver 8-SOIC -40 to 85 15kV ESD-Protected / Slew-Rate-Limited / Low-Power / RS-485/RS-422 Transceivers 【15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers From old datasheet system " ?à15kV ESD-Protected, Slew-Rate Limited, Low-Power, RS-485/RS-422 Transceivers" ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers ±15kV ESD-Protected, Slew-Rate-Limited,
Low-Power, RS-485/RS-422 Transceivers 卤15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers ±15kV ESD-Protected, Slew-Rate Limited, Low-Power, RS-485/RS-422 Transceivers
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm http:// MAXIM - Dallas Semiconductor
|
MAX232E MAX232ECPE MAX232ECSE MAX232ECWE MAX232EEP |
-15kV ESD-protected, 5V RS-232 transceiver 15kV ESD-Protected 5V RS-232 Transceivers ±15kV ESD-Protected, 5V RS-232 Transceivers
|
MAXIM - Dallas Semiconductor Maxim Integrated Products Inc
|
ISL4260E FN6035 ISL4260EIR ISL4260EIR-T |
QFN Packaged/ 15kV ESD Protected/ 3V to 5..5V/ 150nA/ 250kbps/ RS-232 Transmitters/Receivers with Separate Logic Supply From old datasheet system RS-232 Transceiver, 3T/2R, 3V to 5.5V, 250kbps, 15KV ESD (IEC61000) with VL
|
Intersil
|
|